|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Features * Meet RoHS, Green Product. * Reverse mount Chip LED. * Dual color chip LED. * Ultra bright InGaN White / AlInGaP Chip LED. * Package in 8mm tape on 7" diameter reels. * Compatible with automatic placement equipment. * Compatible with infrared and vapor phase reflow solder process. * EIA STD package. Package Dimensions Part No. LTW-C235DSKF-5A Notes: Lens Yellow Emitted Color InGaN White AlInGaP Orange Pin Assignment 1,2 3,4 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.10 mm (.004") unless otherwise noted. Part No. : LTW-C235DSKF-5A Page : 1 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Absolute Maximum Ratings At Ta=25 LTW-C235DSKF-5A Parameter Power Dissipation Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) DC Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Soldering Temperature Suggest IR Reflow Condition : White 72 100 20 5 Orange 75 80 30 5 -20C to + 80C -30C to + 100C 260C For 5 Seconds Unit mW mA mA V R e c o m m e n d e d P r o f ile B e t w e e n A s s e m b le A n d H e a t -R e s is t a n c e L in e T h e P ro file is a v a ila b le th a t m u s t to u s e S n A g Cu s o ld e r p a s te Part No. : LTW-C235DSKF-5A Page : 2 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Electrical Optical Characteristics At Ta=25 LTW-C235DSKF-5A Parameter Symbol White MIN. Luminous Intensity IV TYP. MAX. Viewing Angle Peak Emission Wavelength Dominant Wavelength Spectral Line Half-Width Chromaticity Coordinates 21/2 P d x y TYP. Forward Voltage VF MAX. Reverse Current IR MAX. 3.15 10 2.40 10 A VR = 5V TYP. TYP. TYP. TYP. TYP.. 0.3 0.3 2.85 2.00 V IF =5mA 180.0 130 71.0 130 611 605 20 deg nm nm nm V IF = 5mA Note 3, 5 Fig.1 Fig.6 Measurement @Peak (Fig.2) IF =5mA Note 7 45.0 Orange 11.2 mcd IF =5mA Note 1, 2, 5 Unit Test Condition Note : 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve. 2. Iv classification code is marked on each packing bag. 3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram. 4. Caution in ESD: Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be properly grounded. 5. Tester CAS140B is for the chromaticity coordinates (x, y) and Iv. 6. The chromaticity coordinates (x, y) guarantee should be added 0.01 tolerance. 7. The dominant wavelength,d is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. Part No. : LTW-C235DSKF-5A Page : 3 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Typical (25 Electrical Ambient / Optical Characteristics Unless Otherwise Curves Noted) Temperature Part No. : LTW-C235DSKF-5A Page : 4 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Typical (25 Electrical Ambient / Optical Characteristics Unless Otherwise Curves Noted) Temperature Part No. : LTW-C235DSKF-5A Page : 5 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Bin Code List VF Spec. Table( White) VF Bin A B C D Forward Voltage (V) at IF = 5mA Min. 2.55 2.70 2.85 3.00 IV Spec. Table( White) IV Bin P Q R Luminous Intensity (mcd) at IF = 5mA Min. 45.0 71.0 112.0 Max. 71.0 112.0 180.0 Max. 2.70 2.85 3.00 3.15 Tolerance on each Forward Voltage bin is +/-0.1 volt Tolerance on each Luminous Intensity bin is +/- 15%. IV Spec. Table( Orange) IV Bin L M N P Luminous Intensity (mcd) at IF = 5mA Min. 11.2 18.0 28.0 45.0 Max. 18.0 28.0 45.0 71.0 Part No. : LTW-C235DSKF-5A Page : 6 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Bin Code List Hue Spec. Table Hue Bin S1 S2 S3 S4 S5 S6 x y x y x y x y x y x y Color bin limits at IF = 5mA CIE 1931Chromaticity coordinates 0.274 0.274 0.294 0.226 0.258 0.286 0.274 0.274 0.294 0.258 0.291 0.319 0.294 0.294 0.314 0.254 0.286 0.315 0.294 0.294 0.314 0.286 0.319 0.347 0.314 0.314 0.334 0.282 0.315 0.343 0.314 0.314 0.334 0.315 0.347 0.376 0.294 0.254 0.294 0.286 0.314 0.282 0.314 0.315 0.334 0.311 0.334 0.343 Tolerance on each Hue (x, y) bin is +/- 0.01. C. I. E. 1931 Chromaticity Diagram 0.4 0.35 Y-coordinate S6 S4 S5 S2 S1 0.3 S3 0.25 0.2 0.25 0.27 0.29 0.31 X-coordinate 0.33 0.35 Part No. : LTW-C235DSKF-5A Page : 7 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Cleaning Do not use unspecified chemical liquid to clean LED they could harm the package. If clean is necessary, immerse the LED in ethyl alcohol or in isopropyl alcohol at normal temperature for less one minute. Suggest Soldering Pad Dimensions Package Dimensions Of Tape And Reel Notes: 1. All dimensions are in millimeters (inches). Part No. : LTW-C235DSKF-5A Page : 8 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only Package Dimensions of Reel Notes: 1. Empty component pockets sealed with top cover tape. 2. 7 inch reel-3000 pieces per reel. 3. Minimum packing quantity is 500 pieces for remainders. 4. The maximum number of consecutive missing lamps is two. 5. In accordance with ANSI/EIA 481-1-A-1994 specifications. Part No. : LTW-C235DSKF-5A Page : 9 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only CAUTIONS 1. Application The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household applications).Consult Liteon's Sales in advance for information on applications in which exceptional reliability is required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment, medical and life support systems and safety devices). 2. Storage The storage ambient for the LEDs should not exceed 30C temperature or 70% relative humidity. It is recommended that LEDs out of their original packaging are IR-reflowed within one week. For extended storage out of their original packaging, it is recommended that the LEDs be stored in a sealed container with appropriate desiccant, or in a desiccators with nitrogen ambient. LEDs stored out of their original packaging for more than a week should be baked at about 60 deg C for at least 24 hours before solder assembly. 3. Cleaning Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED if necessary. 4. Soldering Recommended soldering conditions: Reflow soldering Pre-heat Pre-heat time Peak temperature Soldering time 120~150C 120 sec. Max. 260C Max. 5 sec. Max. Wave Soldering 100C Max. 60 sec. Max. 260C Max. 10 sec. Max. Soldering iron Temperature Soldering time 300C Max. 3 sec. Max. (one time only) Pre-heat Pre-heat time Solder wave Soldering time 5. Drive Method An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as shown in Circuit A below. Circuit model A LED Circuit model B LED (A) Recommended circuit. (B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs. 6. ESD (Electrostatic Discharge) Static Electricity or power surge will damage the LED. Suggestions to prevent ESD damage: Use of a conductive wrist band or anti-electrostatic glove when handling these LEDs. All devices, equipment, and machinery must be properly grounded. Work tables, storage racks, etc. should be properly grounded. Use ion blower to neutralize the static charge which might have built up on surface of the LED's plastic lens as a result of friction between LEDs during storage and handling. Part No. : LTW-C235DSKF-5A Page : 10 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only ESD-damaged LEDs will exhibit abnormal characteristics such as high reverse leakage current, low forward voltage, or " no lightup " at low currents. To verify for ESD damage, check for " lightup " and Vf of the suspect LEDs at low currents. The Vf of " good " LEDs should be >2.0V@0.1mA for InGaN product and >1.4V@0.1mA for AlInGaP product. 7. Reliability Test Classification Test Item Operation Life High Temperature High Humidity Storage High Temperature Storage Low Temperature Storage Temperature Cycling Test Condition Ta= Under Room Temperature As Per Data Sheet Maximum Rating *Test Time= 500HRS (-24HRS,+72HRS)*@20mA. IR-Reflow In-Board, 2 Times Ta= 655,RH= 9095% *Test Time= 240HRS2HRS Ta= 1055 *Test Time= 500HRS (-24HRS,+72HRS) Ta= -555 *Test Time=500HRS (-24HRS,+72H RS) 105 25 -55 25 30mins 5mins 30mins 5mins 10 Cycles IR-Reflow In-Board, 2 Times 85 5 -40 5 10mins 10mins 10 Cycles T.sol= 260 5 Dwell Time= 10 1secs Ramp-up rate(217 to Peak) +3/ second max Temp. maintain at 175(25) 180 seconds max Temp. maintain above 217 60-150 seconds Peak temperature range 260+0/-5 Time within 5C of actual Peak Temperature (tp) 20-40 seconds Ramp-down rate +6/second max T.sol= 235 5 Immersion time 20.5 sec Immersion rate 252.5 mm/sec Coverage 95% of the dipped surface Reference Standard MIL-STD-750D:1026 MIL-STD-883D:1005 JIS C 7021:B-1 MIL-STD-202F:103B JIS C 7021:B-11 Endurance Test MIL-STD-883D:1008 JIS C 7021:B-10 JIS C 7021:B-12 MIL-STD-202F:107D MIL-STD-750D:1051 MIL-STD-883D:1010 JIS C 7021:A-4 MIL-STD-202F:107D MIL-STD-750D:1051 MIL-STD-883D:1011 MIL-STD-202F:210A MIL-STD-750D:2031 JIS C 7021:A-1 MIL-STD-750D:2031.2 J-STD-020C Thermal Shock Solder Resistance Environmental Test IR-Reflow Solderability MIL-STD-202F:208D MIL-STD-750D:2026 MIL-STD-883D:2003 IEC 68 Part 2-20 JIS C 7021:A-2 8. Others The appearance and specifications of the product may be modified for improvement without prior notice. Part No. : LTW-C235DSKF-5A Page : 11 of 12 BNS-OD-C131/A4 LITE-ON TECHNOLOGY CORPORATION Property of Lite-On Only 9. Suggested Checking List Training and Certification 1. Everyone working in a static-safe area is ESD-certified? 2. Training records kept and re-certification dates monitored? Static-Safe Workstation & Work Areas 1. Static-safe workstation or work-areas have ESD signs? 2. All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V? 3. All ionizer activated, positioned towards the units? 4. Each work surface mats grounding is good? Personnel Grounding 1. Every person (including visitors) handling ESD sensitive (ESDS) items wears wrist strap, heel strap or conductive shoes with conductive flooring? 2. If conductive footwear used, conductive flooring also present where operator stand or walk? 3. Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*? 4. Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs? 5. All wrist strap or heel strap checkers calibration up to date? Note: *50V for Blue LED. Device Handling 1. Every ESDS items identified by EIA-471 labels on item or packaging? 2. All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation? 3. No static charge generators (e.g. plastics) inside shielding containers with ESDS items? 4. All flexible conductive and dissipative package materials inspected before reuse or recycles? Others 1. Audit result reported to entity ESD control coordinator? 2. Corrective action from previous audits completed? 3. Are audit records complete and on file? Part No. : LTW-C235DSKF-5A Page : 12 of 12 BNS-OD-C131/A4 |
Price & Availability of LTW-C235DSKF-5A |